Part Number Hot Search : 
144919 R2500 6714VM 20E181K 25000 M5243 NJM360 M5243
Product Description
Full Text Search
 

To Download 2SC643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon npn power transistors 2SC643 description ? ? with to-3 package ? high voltage,high reliability ? low collector saturation voltage applications ? for color tv horizontal output applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1100 v v ceo collector-emitter voltage open base 600 v v ebo emitter-base voltage open collector 5 v i c collector current 2.5 a p c collector power dissipation t c =25 ?? 50 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3) and symbol
jmnic product specification 2 silicon npn power transistors 2SC643 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma; i b =0 600 v v (br)ebo emitter-base breakdown voltage i e =1ma; i c =0 5 v v cesat collector-emitter saturation voltage i c =2a; i b =0.6a 5.0 v v besat base-emitter saturation voltage i c =2a; i b =0.6a 1.5 v i cbo collector cut-off current v cb =500v;i e =0 10 | a i ebo emitter cut-off current v eb =5v; i c =0 100 | a h fe dc current gain i c =2a ; v ce =15v 7 f t transition frequency i c =0.1a ; v ce =10v 2 mhz
jmnic product specification 3 silicon npn power transistors 2SC643 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SC643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X